Part Number Hot Search : 
ZTX618 11SRWA TAR5S18U LC866024 SDM30002 4C256 2SK414 PIC16F8
Product Description
Full Text Search
 

To Download 4190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Power Supply Cord with NEMA 1-15 Power (Mains) Plug 2-pole, Straight
490
North America
NEMA 1-15
Description Approvals
Power Supply Cord, Protection class II, Pin temperature 70 C, Cable - UL License Number: E45116 - CSA License Number: 32338
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 10 A / 250 VAC; 50 Hz 10 A / 250 VAC; 60 Hz > 2 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 2 acc. to IEC 61140 moulded PVC, black or grey 25 mm
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
18.6
50
12.7
25
Connectors
490
www.schurter.com/pg07_2 Config. Code 4190|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ steht fur die Dose bzw. 2. Seite, Lange ist die Leitungslange in mm.
Cord Sets
Product Configurator
4190|-| R |-|Type|-|D|-|Length| = cord type
cord type SPT 2x18AWG SVT 2x18AWG Cord definition is detailed in general product information XXX Configuration key L M
4190|-|R|-|Type|-| D |-|Length| = Color
Color jet black; RAL9005 silver grey; RAL7001 standard color: black Configuration key A B
4190|-|R|-| Type |-|D|-|Length| = Cord end 2
Cord end 2 zzzz, 2510, 2511, 3016, 3113, 3127, 3130, 4810, 9011
4190|-|R|-|Type|-|D|-| Length | = Cord length
Cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 Cord length in mm
Packaging unit
100 Pcs
Mating Outlets/Connectors
Category / Description
Power Outlet (Mains Socket) Overview complete NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, Solder Terminal NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, IDC- or Quick-connect Terminal NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, IDC- or Quick-connect Terminal NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, Solder Terminal Power Outlet (Mains Socket) further types to 4190 0709 0709-1 0710 0715
2
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X